Part Number Hot Search : 
ES1010SI GDMQ0710 P7981N F2100T DA100 RS5C372A UES1303 MM3Z2V4B
Product Description
Full Text Search
 

To Download BZX55C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX55C Series
MECHANICAL DATA Dimensions in mm(inches)
0.51 0.10 (0.02 0.004) 0.31 rad. (0.012)
3
2
1
1.91 0.10 (0.075 0.004) 3.05 0.13 (0.12 0.005) A=
0.76 0.15 (0.03 0.006)
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS
A 1.40 (0.055) max.
2.54 0.13 (0.10 0.005)
0.31 rad. (0.012)
1.02 0.10 (0.04 0.004)
FEATURES
* HERMETIC CERAMIC SURFACE MOUNT PACKAGE (SOT23 COMPATIBLE) * VOLTAGE RANGE 2.4 TO 75V
SOT23 CERAMIC (LCC1 PACKAGE)
Underside View
Pad 1 - Anode Pad 2 - N/C Pad 3 - Cathode
ABSOLUTE MAXIMUM RATINGS
PTOT Power Dissipation Derate above 25C TOP TSTG TSOL RJA RJ-MB Maximum Operating Ambient Temperature Storage Temperature Range Soldering Temperature Thermal Resistance Junction to Ambient Thermal Resistance Junction to Mounting Base (5 seconds max.) TMB = 25C 500mW 4mW/C -55 to +150C -65 to +175C 260C 336C/W 140C/W
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise stated)
Parameter
VZ IR ZZ ZZ Zener Voltage Reverse Current Small Signal Breakdown Impedance Small Signal Breakdown Impedance near breakdown knee
Test Conditions
For VZ nom. 36V, For VZ nom. 39V, VR = VR test VR = VR test IZ = IZ test For VZ nom. 36V, For VZ nom. 39V, IZK = 1mA IZK = 0.5mA TAMB = 150C IZ = 5mA IZ = 2.5mA
Min.
VZ min.
Typ.
Max.
Units
V A
VZ nom. VZ max. IR max. IR max(2) ZZ max. ZK max.
See table 1 for type variants and test parameters.
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
BZX55C Series
TABLE 1 - TYPE VARIANTS & TEST PARAMETERS
Product VZ nom. (V) BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 BZX55C43 BZX55C47 BZX55C51 BZX55C56 BZX55C62 BZX55C68 BZX55C75 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 VZ min. (V) 2.28 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 VZ max. (V) 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 80 IZ max. (mA) 155 135 125 115 105 95 90 85 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 7.0 6.4 5.9 5.3 ZZ max. () 85 85 85 85 85 85 75 60 35 25 10 8.0 7.0 7.0 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 200 250 VR test (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 5.0 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 IR max. (A) 50 10 4.0 2.0 2.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 TCVZ min. max. (%/C) -0.08 -0.08 -0.08 -0.08 -0.08 -0.07 -0.04 -0.03 -0.02 -0.01 0 +0.01 +0.01 +0.01 +0.02 +0.03 +0.03 +0.03 +0.03 +0.03 +0.03 +0.03 +0.03 +0.03 +0.04 +0.04 +0.04 +0.04 +0.04 +0.04 +0.04 +0.04 +0.04 +0.04 +0.04 +0.04 +0.04 -0.06 -0.06 -0.06 -0.05 -0.04 -0.03 -0.01 +0.01 +0.05 +0.06 +0.07 +0.08 +0.09 +0.09 +0.10 +0.11 +0.11 +0.11 +0.11 +0.11 +0.11 +0.11 +0.11 +0.11 +0.12 +0.12 +0.12 +0.12 +0.12 +0.12 +0.12 +0.12 +0.12 +0.12 +0.12 +0.12 +0.12 ZK max. () 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 600 700 700 1000 1000 1000 1500 IR max(2) (A) 100 50 40 40 40 40 20 10 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 5.0 5.0 5.0 10 10 10 10 10
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95


▲Up To Search▲   

 
Price & Availability of BZX55C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X